PART |
Description |
Maker |
F0402E0R25FSTR F0603C1R25FWTR F0603C1R75FWTR F0603 |
Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.25A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.25A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.75A, 24VAC, 24VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.375A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.75A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 2.5A, 16VAC, 16VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.5A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1A, 63VAC, 63VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.25A, 63VAC, 63VDC, SURFACE MOUNT
|
AVX, Corp.
|
PCF12-S PCF15-H |
FAST BLOW ELECTRIC FUSE, 12A, 600VAC, 500VDC, 100000A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 15A, 600VAC, 500VDC, 100000A (IR), THROUGH HOLE
|
MERSEN
|
5MF8-R 5MFP8-R 5MF1.5-R 5MFP4-R 5MFP300-R 5MFP125- |
Fuses, RoHS 8A 125V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, RoHS 8A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 1.5A 250V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 1.5A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, RoHS 4A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 4A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 300mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.3A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 125mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.125A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 3.5A 125V F UL GLASS LEAD
|
Bel Fuse, Inc. BEL FUSE INC
|
ATM1/4 ATM1/10 ATM2 ATM20 ATM10 |
FAST BLOW ELECTRIC FUSE, 0.25A, 600VAC, 600VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.1A, 600VAC, 600VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 2A, 600VAC, 600VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 20A, 600VAC, 600VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 10A, 600VAC, 600VDC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
LA30QS60-4 LA30QS50-4 LA30QS40-4 LA30QS35-4 LA30QS |
VERY FAST BLOW ELECTRIC FUSE, 80A, 300VAC, 300VDC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 700A, 300VAC, 300VDC, 200000A (IR), INLINE/HOLDER Special Purpose Fuses
|
Littelfuse
|
CCL30-60A CCK140-200A CCK225-300A CCK35-60A CBO060 |
Fork-Lift and Stud-Mounted Fuses 32 - 130 Volts DC Fast Acting and Time-Delay TIME DELAY BLOW ELECTRIC FUSE, 20A, 130VDC, INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 200A, 72VDC, INLINE/HOLDER
|
Littelfuse
|
0267.125V 0267.250V 0267.250VXT 0266005.V 0265.062 |
265/266/267 Series, PICO?, Very Fast-Acting Fuse (High-Reliability) VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
Littelfuse
|
MQ1.5 MQ10 |
Quick Acting Micro Fuse VERY FAST BLOW ELECTRIC FUSE, 1.5A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE Quick Acting Micro Fuse VERY FAST BLOW ELECTRIC FUSE, 10A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
0034.1506 0034.1507 0034.1508 0034.1509 0034.1510 |
FAST BLOW ELECTRIC FUSE, 0.032A, 250VAC, 35A (IR), INLINE/HOLDER Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
|
Schurter Inc.
|
|